Part Number Hot Search : 
A5800924 27011 MUR480ES D1120 TD111 TXV2N IDT72T5 XF001
Product Description
Full Text Search
 

To Download SB160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
SB120-SB160
SCHOTTKY BARRIER DIODES
TYPE
Maximum Peak Reverse Voltage PRV VPK
Maximum Average Rectified Current @ Half-Wave Resistive Load 60Hz IO @ TL AAV C
Maximum Forward Peak Surge Current @ 8.3ms Superimposed IFM(Surge) APK
Maximum Reverse Current @ PRV @ TA=25C IR mAdc I FM A
PK
Maximum Forward Voltage @ TA=25C V V
Package Dimensions
FM PK
SB120 SB130 SB140 SB150 SB160
20 30 40 50 60
1.0
75 75 75 75 75
40 40 40 40 40
0.5 0.5 0.5 0.5 0.5
1.0
0.50 0.50 0.50 0.7 0.7
DO - 41
1.0(25.4) MIN
.205(5.2) .166(4.2)
1.0(25.4) MIN
.034(0.9) DIA .028(0.7)
.107(2.7) DIA .080(2.0)
DO - 41
4A-1/2
LESHAN RADIO COMPANY, LTD.
SB120-SB160 SCHOTTKY DIODE RATING & CHARACTERISTIC CURVES
FIG. 1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FOWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT,(A)
1.00 .75 .50 .25 0 0 25 50 75 100 125 150 175 SB150 & SB160 SB120 - SB140 Resistive or inductive load 0.375"(9.5mm)lead length
40
TJ=T JMAX. 8.3ms Single Half Sine-Wave (JEDEC Method)
30
20
10
LEAD TEMPERATURE, ( C)
0 1 2 4 6 8 10 20 40 60 80 100
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
100 TJ=125 C
INSTANTANEOUS REVERSE CURRENT, (A)
SB120-SB140 - - - - SB150&SB160 10 TJ = 125C 1
10 TJ = 150 C TJ = 25C
1
.1
TJ = 75 C
.1
Pulse Width=300s 1% Duty Cycle SB120-SB140 - - - - SB150-SB160
.01 TJ = 25 C .001 0 20 40 60 80 100
.01 0 .2 .4 .6 .8 1 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
400 TJ=25C f=1.0MHz Vsig=50mVp-p
JUNCTION CAPACITANCE,(pF)
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
TRANSIENT THERMAL IMPEDANCE,(C/W)
100
10
1
SB120 -SB140 - - - - SB150 & SB160 10 .1 1 10 100
.1 .01
.1
1
10
100
REVERSE VOLTAGE,(V)
t, PULSE DURATION, sec.
4A-2/2


▲Up To Search▲   

 
Price & Availability of SB160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X